Part Number Hot Search : 
250201B SI4156DY 1H474J AME5248 CPC1394G HAD826SP 61DWR2 15F00Z0
Product Description
Full Text Search
 

To Download AHF2815DES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94541D
AHF28XX SERIES
28V Input, Single and Dual Output
HYBRID-HIGH RELIABILITY DC-DC CONVERTER
Description
The AHF Series of DC-DC converters feature single or dual outputs over the full military temperature range. No derating in output power is required, making them suitable for use in rugged military applications. The low profile, small outline package is ideally suited to the tight board space requirements of many industrial and aerospace applications. Designed for nominal 28Vdc inputs, this family of converters will meet the requirements of MIL-STD-704D. The basic circuit utilizes a pulse width modulated, feed-forward topology at a nominal switching frequency of 550KHz. Input to output isolation is achieved through the use of transformers in the forward and feedback circuits. The proprietary magnetic feedback circuit provides for an extremely wide bandwidth control loop with a high phase margin. The closed loop frequency response of this converter family extends to approximately 50KHz, resulting in superior line and load transient characteristics. This feedback method is also inherently temperature and radiation insensitive. This gives the AHF Series an important advantage over converters that incorporate opto-couplers in their design. Manufactured in a facility fully qualified to MIL-PRF38534, these converters are fabricated utilizing DSCC qualified processes. For available screening options, refer to device screening table in the data sheet. Variations are electrical, mechanical and screening can be accommodated. Extensive computer simulation using complex modeling enables rapid design modification to be provided. Contact IR San Jose with specific requirements.
AHF Features
n n n n n n n n n n 16V to 40VDC Input Range (28 VDC Nominal) Single and Dual Outputs 12W Output Power 22.8W/in3 Power Density Low Input / Output Noise (50mA/60mVp-p max. respectively) Indefinite Short Circuit and Overload Protection Wideband Control Loop for Superior Transient Characterstics No derating for -55C to +125C Operation Constant Switching Frequency (550KHz Nominal) Standard Microcircuit Drawings Available
www.irf.com
1
03/09/10
AHF28XX Series
Specifications
Absolute M axim um Ratings
Input voltage Soldering temperature O perating case temperature Storage case tem perature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2803R3S
Table I. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 3.34 3.36 3000 60 V mA mV p-p
VOUT IOUT VRIP
IOUT = 0 VIN = 16, 28, and 40Vdc VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc, Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
3.26 3.23
Output ripple voltage
Line regulation
VRLINE
1,2,3
01
25
mV
Load regulation
VRLOAD IOUT = 0%, 50% and 100% rated load IOUT = 0, inhibit (pin 1) tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load Input to output or any pin
1,2,3
01
50
mV
12 1,2,3 01 30 1,2,3 1 2,3 1 01 01 72 70 100 50 mA p-p % mA
Input current
IIN
Input ripple current Efficiency
2
IRIP EFF
Isolation
ISO
to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance, Tc = +25C Overload Short circuit IOUT = 100% rated load
5
01
M
Capacitive load
3, 4
CL PD FS
4 1 1,2,3 4,5,6
01 01 01 01 500
500 6.0 2.0 600
F W KHz
Power dissipation load fault Switching frequency
For Notes to Specifications, refer to page 3
2
www.irf.com
AHF28XX Series
Table I. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 6 changes Recovery time step transient load 6, 7 changes Output response to transient step line changes Recovery time transient step line changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9
AHF2803R3S
Limits Unit
Group A Subgroups
Device Types Min
Max +300 mVpk +500 70 s s ms mVpk
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load 50% to/from 100% rated load TTLOAD 0% to/from 50% rated load 50% to/from 0% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load Input step 16V to/from 40Vdc, IOUT = 100%
4, 7, 8 4, 8
4,5,6 01 4,5,6 4,5,6 4,5,6 4,5,6 4,5,6 01 01
-300 -500
1200 8.0 500
TTLINE
4,5,6 4,5,6 4,5,6 4,5,6
01 01 01 01
800 600 20 20 38
s mVpk ms ms g
rated load VTonOS IOUT = o and 100% rated load TonD TrLF IOUT = o and 100% rated load
9
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table I. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 6. Load step transition time between 2.0s and 10s. 7. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 8. Input step transition time between 2.0s and 10s. 9. Turn-on delay time measurement is for either a step application of power at the input or the removal of ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
www.irf.com
3
AHF28XX Series
Specifications
Absolute M axim um Ratings
Input voltage Soldering temperature O perating case temperature Storage case tem perature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2805S
Table II. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 5.05 5.10 2400 60 V mA mV p-p
VOUT IOUT VRIP
IOUT = 0 VIN = 16, 28, and 40Vdc VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc, Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
4.95 4.90
Output ripple voltage
Line regulation
VRLINE
1,2,3
01
25
mV
Load regulation
VRLOAD IOUT = 0%, 50% and 100% rated load IOUT = 0, inhibit (pin 1) tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load Input to output or any pin
1,2,3
01
50
mV
12 1,2,3 01 30 1,2,3 1 2,3 1 01 01 76 74 100 50 mA p-p % mA
Input current
IIN
Input ripple current Efficiency
2
IRIP EFF
Isolation
ISO
to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance, Tc = +25C Overload Short circuit IOUT = 100% rated load
5
01
M
Capacitive load
3, 4
CL PD FS
4 1 1,2,3 4,5,6
01 01 01 01 500
500 6.0 2.0 600
F W KHz
Power dissipation load fault Switching frequency
For Notes to Specifications, refer to page 5
4
www.irf.com
AHF28XX Series
Table II. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 6 changes Recovery time step transient load 6, 7 changes Output response to transient step line changes Recovery time transient step line changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9
AHF2805S
Limits Unit
Group A Subgroups
Device Types Min
Max +300 mVpk +500 70 s s ms mVpk
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load 50% to/from 100% rated load TTLOAD 0% to/from 50% rated load 50% to/from 0% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load Input step 16V to/from 40Vdc, IOUT = 100%
4, 7, 8 4, 8
4,5,6 01 4,5,6 4,5,6 4,5,6 4,5,6 4,5,6 01 01
-300 -500
1200 8.0 500
TTLINE
4,5,6 4,5,6
9
01 01 01 01
800 600 20 20 38
s mVpk ms ms g
rated load VTonOS IOUT = o and 100% rated load TonD TrLF IOUT = o and 100% rated load
4,5,6 4,5,6
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table I. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 6. Load step transition time between 2.0s and 10s. 7. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 8. Input step transition time between 2.0s and 10s. 9. Turn-on delay time measurement is for either a step application of power at the input or the removal of ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
www.irf.com
5
AHF28XX Series
Specifications
Absolute Maximum Ratings
Input voltage Soldering temperature Operating case temperature Storage case temperature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2812S
Table III. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 12.12 12.24 1000 60 V mA mV p-p
VOUT IOUT VRIP
IOUT = 0 VIN = 16, 28, and 40Vdc VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc, Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
11.88 11.76
Output ripple voltage
Line regulation
VRLINE
1,2,3
01
50
mV
Load regulation
VRLOAD IOUT = 0%, 50% and 100% rated load IOUT = 0, inhibit (pin 1) tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load Input to output or any pin
1,2,3
01
50
mV
12 1,2,3 01 50 1,2,3 1 2,3 1 01 01 78 75 100 50 mA p-p % mA
Input current
IIN
Input ripple current Efficiency
2
IRIP EFF
Isolation
ISO
to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance, Tc = +25C Overload Short circuit IOUT = 100% rated load
5
01
M
Capacitive load
3, 4
CL PD FS
4 1 1,2,3 4,5,6
01 01 01 01 500
500 6.0 2.0 600
F W KHz
Power dissipation load fault Switching frequency
For Notes to Specifications, refer to page 7
6
www.irf.com
AHF28XX Series Table III. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 6 changes Recovery time step transient load 6, 7 changes Output response to transient step line changes Recovery time transient step line changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9
AHF2812S
Limits Unit
Group A Subgroups
Device Types Min
Max +300 +450 +500 +750 100 s s ms mVpk 1500 10 mVpk
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load 50% to/from 100% rated load TTLOAD 0% to/from 50% rated load 50% to/from 0% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load Input step 16V to/from 40Vdc, IOUT = 100%
4, 7, 8 4, 8
4 5,6 4 5,6 4,5,6 4,5,6 4,5,6 4,5,6 01 01 01
-300 -450 -500 -750
1500
TTLINE
4,5,6 4,5,6
9
01 01 01 01
800 600 20 20 38
s mVpk ms ms g
rated load VTonOS IOUT = o and 100% rated load TonD TrLF IOUT = o and 100% rated load
4,5,6 4,5,6
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table II. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 6. Load step transition time between 2.0s and 10s. 7. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 8. Input step transition time between 2.0s and 10s. 9. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 1) while power is applied to the input is unlimited.
www.irf.com
7
AHF28XX Series
Specifications
Absolute Maximum Ratings
Input voltage Soldering temperature Operating case temperature Storage case temperature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2815S
Table IV. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 15.15 15.30 800 50 35 75 V mA mV p-p
VOUT IOUT VRIP
IOUT = 0 VIN = 16, 28, and 40Vdc VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc, Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3 1 2,3 1,2,3
All All All
14.85 14.70
Output ripple voltage
Line regulation
VRLINE
All
mV
Load regulation
VRLOAD IOUT = 0%, 50% and 100% rated load IOUT = 0, inhibit (pin 1) tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load Input to output or any pin
All
150
mV
18 1,2,3 All 50 1,2,3 1 2,3 1 All All 80 77 100 20 mA p-p % mA
Input current
IIN
Input ripple current Efficiency
2
IRIP EFF
Isolation
ISO
to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance, Tc = +25C Overload Short circuit IOUT = 100% rated load
5
All
M
Capacitive load
3, 4
CL PD
4 1 1,2,3 4,5,6
All All All 01, 04 250 250 275 02, 05 03, 06
200 6.0 2.0 300 270 300
F W
Power dissipation load fault Switching frequency
FS
KHz
For Notes to Specifications, refer to page 9
8
www.irf.com
AHF28XX Series
Table IV. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 6 changes Recovery time step transient load 6, 7 changes Output response to transient step line changes Recovery time transient step line changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9
AHF2815S
Limits Unit
Group A Subgroups
Device Types Min
Max +800 mVpk +750 100 s ms
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load TTLOAD 50% to/from 100% rated load 0% to/from 50% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load Input step 16V to/from 40Vdc, IOUT = 100% rated load IOUT = o and 100% rated load IOUT = o and 100% rated load
9 4, 7, 8 4, 8
4,5,6 All 4,5,6 4 5,6 4 5,6 04 4,5,6 05 06 4,5,6 4,5,6 4,5,6 4,5,6 01 All All All All
-800 -1000
200 5.0 10 -1000 +1000
mVpk
TTLINE VTonOS TonD TrLF
500 750 12 12 38
s mVpk ms ms g
Notes to Specifications
1. Parameter guaranteed by line and load regulation tests. 2. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 3. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 4. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table III. 5. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 6. Load step transition time between 2.0s and 10s. 7. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 8. Input step transition time between 2.0s and 10s. 9. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 2) while power is applied to the input is unlimited.
www.irf.com
9
AHF28XX Series
Specifications
A b so lu te M axim u m R ating s
In pu t vo ltag e S old erin g te m p era ture O pe ratin g case te m p era ture S tora ge ca se tem pe ratu re -0 .5V to + 50 V 3 00 C fo r 10 se co nd s -5 5C to + 12 5C -6 5C to + 13 5C
AHF2805D
Table V. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1, 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 5.05 5.10 1.08 60 V A mV p-p
VOUT IOUT
3
IOUT = 0 VIN = 16, 28, and 40Vdc each output VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
4.95 4.90 0.12
Output ripple voltage
VRIP
Line regulation
4
VRLINE Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1,2,3
01
30
mV
Load regulation
4
VRLOAD IOUT = 0%, 50% and 100% rated load
5
1,2,3 1,2,3
01 01
30 10 12
mV %
Cross regulation
VRCROSS 10% to 90% load changes IOUT = 0, inhibit (pin 1) IIN tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load, Tc = +25C, Input to output or any pin to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance,
Input current
1,2,3
01 60
mA
Input ripple current Efficiency
4
3, 4
IRIP EFF
1,2,3 1,3 2 1
01 01 75 72 100
50
mA p-p %
Isolation
ISO
01
M
Capacitive load
6, 7
CL
Tc = +25C, total for both outputs Overload, Tc = +25C Short circuit, Tc = +25C IOUT = 100% rated load
4
01
200 6.0 2.0 500 600
F
Power dissipation load fault Switching frequency
PD FS
1,2,3 4,5,6
01 01
W KHz
For Notes to Specifications, refer to page 11
10
www.irf.com
AHF28XX Series Table V. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 4, 9 changes Recovery time step transient load 4, 9,10 changes Output response to transient step line 4, 7, 11 changes Recovery time transient step line 4, 7, 10, 11 changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9 4
AHF2805D
Limits Unit
Group A Subgroups
Device Types Min
Max +400 mVpk +800 70
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load TTLOAD 50% to/from 100% rated load 0% to/from 50% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load TTLINE Input step 16V to/from 40Vdc, IOUT = 100%
4,5,6 01 4,5,6 4,5,6 01 4,5,6
-400 -800
s 100
4,5,6
01
-400
+400
mVpk
4,5,6 4,5,6
9
01 01 01 01
1200 600 25 25 38
s mVpk ms ms g
rated load VTonOS IOUT = o and 100% rated load TonD TrLF IOUT = o and 100% rated load
4,5,6 4,5,6
Notes to Specifications
1. Parameter guaranteed by line load and cross regulation tests. 2. Up to 90 percent of full power is available from either output provided the total output does not exceed 12W. 3. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. 4. Load current split equally between +V OUT and -VOUT. 5. 1.2 watt load on output under test, 1.2W to 10.8W load change on other output. 6. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table IV. 8. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 9. Load step transition time between 2.0s and 10s. 10. Recovery time is measured from the initiation of the transient to where V OUT has returned to within 1.0 percent of VOUT at 50 percent load. 11. Input step transition time between 2.0s and 10s. 12. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 1) while power is applied to the input.
www.irf.com
11
AHF28XX Series
Specifications
Absolute Maximum Ratings
Input voltage Soldering temperature Operating case temperature Storage case temperature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2812D
Table VI. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1, 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 12.12 12.24 900 60 V mA mV p-p
VOUT IOUT
3
IOUT = 0 VIN = 16, 28, and 40Vdc each output VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
11.88 11.76 100
Output ripple voltage
VRIP
Line regulation
4
VRLINE Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1,2,3
01
30
mV
Load regulation
4
VRLOAD IOUT = 0%, 50% and 100% rated load
5
1,2,3 1,2,3
01 01
30 3.0 12
mV %
Cross regulation
VRCROSS 10% to 90% load changes IOUT = 0, inhibit (pin 1) IIN tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load, Tc = +25C Input to output or any pin to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance,
Input current
1,2,3
01 60
mA
Input ripple current Efficiency
4
3, 4
IRIP EFF
1,2,3 1,3 2 1
01 01 77 74 100
50
mA p-p %
Isolation
ISO
01
M
Capacitive load
6, 7
CL
Tc = +25C, total for both outputs Overload, Tc = +25C Short circuit, Tc = +25C IOUT = 100% rated load
4
01
200 6.0 2.0 500 600
F
Power dissipation load fault Switching frequency
PD FS
1,2,3 4,5,6
01 01
W KHz
For Notes to Specifications, refer to page 13
12
www.irf.com
AHF28XX Series Table VI. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 4, 9 changes Recovery time step transient load 4, 9,10 changes Output response to transient step line 4, 7, 11 changes Recovery time transient step line 4, 7, 10, 11 changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9 4
AHF2812D
Limits Unit
Group A Subgroups
Device Types Min
Max +200 mVpk +800 70
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load TTLOAD 50% to/from 100% rated load 0% to/from 50% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load TTLINE VTonOS TonD TrLF Input step 16V to/from 40Vdc, IOUT = 100% rated load IOUT = o and 100% rated load IOUT = o and 100% rated load
9
4,5,6 01 4,5,6 4,5,6 01 4,5,6
-200 -800
s 1000
4,5,6
01
-750
+750
mVpk
4,5,6 4,5,6 4,5,6 4,5,6
01 01 01 01
1200 600 25 25 38
s mVpk ms ms g
Notes to Specifications
1. 2. 3. 4. 5. 6. Parameter guaranteed by line load and cross regulation tests. Up to 90 percent of full power is available from either output provided the total output does not exceed 12W. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. Load current split equally between +VOUT and -V OUT. 1.2 watt load on output under test, 1.2W to 10.8W load change on other output. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive oad in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table V. 8. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 9. Load step transition time between 2.0s and 10s. 10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 11. Input step transition time between 2.0s and 10s. 12. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 1) while power is applied to the input.
www.irf.com
13
AHF28XX Series
Specifications
Absolute Maximum Ratings
Input voltage Soldering temperature Operating case temperature Storage case temperature -0.5V to +50V 300C for 10 seconds -55C to +125C -65C to +135C
AHF2815D
Table VII. Electrical Performance Characteristics
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output voltage Output current
1, 2
Group A Subgroups
Device Types Min
Limits
Unit
Max 15.15 15.30 720 60 V mA mV p-p
VOUT IOUT
3
IOUT = 0 VIN = 16, 28, and 40Vdc each output VIN = 16, 28, and 40Vdc, B.W. = 20 Hz to 2MHz VIN = 16, 28, and 40Vdc, Iout = 0%, 50% and 100% rated load VIN = 16, 28, and 40Vdc,
1 2,3 1,2,3 1,2,3
01 01 01
14.85 14.70 80
Output ripple voltage
VRIP
Line regulation
4
VRLINE
1,2,3
01
35
mV
Load regulation
4
VRLOAD IOUT = 0%, 50% and 100% rated load
5
1,2,3 1,2,3
01 01
35 3.0 12
mV %
Cross regulation
VRCROSS 10% to 90% load changes IOUT = 0, inhibit (pin 1) IIN tied to input return (pin 7) IOUT = 0, inhibit (pin 1) = open IOUT = 100% rated load B.W. = 20 Hz to 2.0MHz IOUT = 100% rated load, Tc = +25C Input to output or any pin to case (except pin 6) at 500Vdc, Tc = +25C No effect on dc performance,
Input current
1,2,3
01 55
mA
Input ripple current Efficiency
4
3, 4
IRIP EFF
1,2,3 1,3 2 1
01 01 78 75 100
50
mA p-p %
Isolation
ISO
01
M
Capacitive load
6, 7
CL
Tc = +25C, total for both outputs Overload, Tc = +25C Short circuit, Tc = +25C IOUT = 100% rated load
4
01
200 6.0 2.5 500 600
F
Power dissipation load fault Switching frequency
4
PD FS
1,2,3 4,5,6
01 01
W KHz
For Notes to Specifications, refer to page 15
14
www.irf.com
AHF28XX Series Table VII. Electrical Performance Characteristics - continued
Test Symbol Conditions -55C Tc +125C Vin = 28Vdc 5%, CL = 0 Unless otherwise specified Output response to step transient load 4, 9 changes Recovery time step transient load 4, 9,10 changes Output response to transient step line 4, 7, 11 changes Recovery time transient step line 4, 7, 10, 11 changes Turn on overshoot Turn on delay Load fault recovery Weight
4, 9 4
AHF2815D
Limits Unit
Group A Subgroups
Device Types Min
Max +200 mVpk +800 70
50% to/from 100% VOTLOAD rated load 0% to/from 50% rated load TTLOAD 50% to/from 100% rated load 0% to/from 50% rated load Input step 16V to/from VOTLINE 40Vdc, IOUT = 100% rated load TTLINE VTonOS TonD TrLF Input step 16V to/from 40Vdc, IOUT = 100% rated load IOUT = o and 100% rated load IOUT = o and 100% rated load
9
4,5,6 01 4,5,6 4,5,6 01 4,5,6
-200 -800
s 500
4,5,6
01
-750
+750
mVpk
4,5,6 4,5,6 4,5,6 4,5,6
01 01 01 01
1200 750 25 25 38
s mVpk ms ms g
Notes to Specifications
Parameter guaranteed by line load and cross regulation tests. Up to 90 percent of full power is available from either output provided the total output does not exceed 12W. Bandwidth guaranteed by design. Tested for 20KHz to 2.0MHz. Load current split equally between +VOUT and -V OUT. 1.2 watt load on output under test, 1.2W to 10.8W load change on other output. Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing as a short circuit during turn-on. 7. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter, parameters shall be guaranteed to the limits specified in Table VI. 8. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the short circuit protection and is the condition of maximum power dissipation. 9. Load step transition time between 2.0s and 10s. 10. Recovery time is measured from the initiation of the transient to where VOUT has returned to within 1.0 percent of VOUT at 50 percent load. 11. Input step transition time between 2.0s and 10s. 12. Turn-on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 1) while power is applied to the input. 1. 2. 3. 4. 5. 6.
www.irf.com
15
AHF28XX Series Application Information
Inhibit Function (Enable)
Connecting the enable input (Pin 1) to input common (Pin 7) will cause the converter to shut down. It is recommended that the enable pin be driven by an open collector device capable of sinking at least 400A of current. The open circuit voltage of the enable input is 15 1.0VDC. If the inhibit function is not used, this input can be left unconnected because it is internally pulled-up. Hence, if TAMBIENT = +25C, the DC/DC converter case temperature will be approximately 100C if no heat sink or air flow is provided. To calculate the heat sink area required to maintain a specific case temperature rise, the above equation may be manipulated as follows:
Thermal Management
Assuming that there is no forced air flow, the package temperature rise above ambient (T) may be calculated using the following expression:
A HEAT SINK =
0.85 80
-1.43
- PKG
T 80 A -0.7p 0.85 (C)
where A = the effective surface area in square inches (including heat sink if used), P = power dissipation in watts. The total surface area of the AHF package is 4.9 square inches. If a worse case full load efficiency of 78% is assumed, then the case temperature rise can be calculated as follows:
As an example, if a maximum case temperature rise of 50C rise above ambient is desired, then the required effective heat sink area is:
50 HEATSINK = 0.85 80(3.4)
-1.43
- 4.9 = 3.75in.2
1 1 P = POUT - 1 = 12 - 1 = 3.4W 0.78 Eff
T = 80 (4.9)-0.7 (3.4)0.85 = 74C
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit Drawing Number
5962-91600 5962-94568 5962-94563 5962-05205 5962-92111 5962-92351
Vendor Cage Code 52467 52467 52467 52467 52467 52467
IR Standard Part Number
AHF2805S AHF2812S AHF2815S AHF2805D AHF2812D AHF2815D
16
www.irf.com
AHF28XX Series
( Single Output ) Block Diagram
8 +Input Under-Voltage Detector Primary Housekeeping Supply 4 +Vout EMI Filter
3
Output Return
1 Enable Input 6 Case
Drive
Pulse Width FB Modulator
CS
Error Amp & Ref
Input Return 7
( Dual Output ) Block Diagram
8 +Input Under-Voltage Detector
EMI Filter 2 +Vout
3 Primary Housekeeping Supply
Output Return
1 Enable Input 6 Case
4
-Vout
Drive
Pulse Width FB Modulator
CS
Error Amp & Ref
Input Return 7
www.irf.com
17
AHF28XX Series
Mechanical Outlines Non-Flanged
0.030 dia., 8 pins (0.760) 0.205 (5.21)
8
1 2
0.905 (22.99) 1.105 (28.07) 1.450 (36.83)
0.705 (17.91)
0.505 (12.83)
7
3 4
6
5
0.800 (20.32) 1.120 (28.45)
0.090 R Typ (2.290)
0.260 (6.600) 0.330 (8.380) MAX
Flanged
Pin Designation
Pin # 1 2 3 4 5 6 7 8 Single Output Enable Input NC Output Return + Output NC Case Input Return +Input Dual Output Enable Input + Output Output Return - Output NC Case Input Return +Input
18
www.irf.com
AHF28XX Series
Device Screening
Requirement
Temperature Range Element Evaluation Non-Destructive Bond Pull Internal Visual Temperature Cycle Constant Acceleration PIND Burn-In Final Electrical ( Group A ) PDA Seal, Fine and Gross Radiographic External Visual MIL-PRF-38534 2023 2017 1010 2001, Y1 Axis 2020 1015 MIL-PRF-38534 & Specification MIL-PRF-38534 1014 2012 2009 N/A Cond A N/A N/A Cond A, C N/A Yes
MIL-STD-883 Method
No Suffix
N/A N/A
ES
d
HB
CH
-55C to +125C Class H N/A Yes Cond C 3000 Gs N/A -55C, +25C, +125C 10% Cond A, C N/A Yes
-20C to +85C -55C to +125C N/A N/A Yes Cond B 500 Gs N/A
e -55C to +125C
N/A N/A Yes Cond C 3000 Gs N/A -55C, +25C, +125C N/A Cond A, C N/A Yes
c
N/A N/A N/A N/A 25C
48 hrs@hi temp 25C
d
160 hrs@125C 160 hrs@125C
c
Notes:
Best commercial practice Sample tests at low and high temperatures -55C to +105C for AHE, ATO, ATW
Part Numbering
AHF 28 05 S F /CH Model Input Voltage Nominal
28 = 28V
Screening Level
(Please refer to Screening Table)
No Suffix, ES, HB, CH
Package Style
Output Voltage
Single - 03R3 = 3.3V 05 = 5V 12 =12V 15 =15V Dual - 05 = 5V 12 = 12V 15 = 15V
F = Flange Blank = Non-Flanged
Output
S = Single D = Dual
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SAN JOSE: 2520Junction Avenue, San Jose, California 95134, Tel: (408) 434-5000 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 03/2010
www.irf.com
19


▲Up To Search▲   

 
Price & Availability of AHF2815DES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X